PART |
Description |
Maker |
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
XC9572-15P XC9572-15TQ100I XC9572-15TQ100C XC9572- |
XC9572 In-System Programmable CPLD From old datasheet system XC9572 In-System Programmable CPLD XC9572在系统可编程的CPLD XC9572 In-System Programmable CPLD FLASH PLD, 7.5 ns, PQFP100 XC9572 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC44 XC9572 In-System Programmable CPLD FLASH PLD, 15 ns, PQFP100
|
XILINX INC XILINX[Xilinx, Inc] Xilinx, Inc.
|
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
CY8C2409410 CY8C24094 CY8C24094-24AXI CY8C24094-24 |
PSoC? Programmable System-on-Chip PSoC庐 Programmable System-on-Chip PSoC垄莽 Programmable System-on-Chip
|
Cypress Semiconductor
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SMB214A SMB214B SMB214C |
High-power, Three-channel Programmable DC-DC System Power Managers
|
Summit Microelectronics, Inc.
|
AT90S2313 |
2-Kbyte In-System programmable Flash Program Memory, 160 byte SRAM, 128 Byte EEPROM, Up to 10 MIPS throughput at 10 Mhz. 8-bit Microcontroller with 2K Bytes of In-System
Programmable Flash
|
ATMEL
|
ISPLSI2192VL-100LB144 ISPLSI2192VL-100LT128 ISPLSI |
2.5V In-System Programmable SuperFAST High Density PLD TRIAC STANDARD 12A 400V TO-220AB 2.5V In-System Programmable SuperFASTHigh Density PLD
|
Lattice Semiconductor Corporation
|
SMB110 |
Five Channel Programmable DC-DC System Power Manager
|
http://
|
CY8C24033-24PVXI CY8C24633-24PVXI CY8C24633-24PVXI |
PSoC? Programmable System-on-Chip Programmable System-on-Chip; Voltage: 3.0V - 5.25V; GPIO: 25; Analog Blocks: 4; Digital Blocks: 4; Flash: 8KB; RAM: 256B; Temp: I; Comm: I2C, SPI, UART; Package: 28 SSOP SPECIALTY MEMORY CIRCUIT, PDSO28
|
Cypress Semiconductor, Corp.
|
|